PART |
Description |
Maker |
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
FDFMA2P85708 FDFMA2P857 |
-20V Integrated P-Channel PowerTrenchMOSFET and Schottky Diode Integrated P-Channel PowerTrench㈢ MOSFET and Schottky Diode .20V, .3.0A, 120mヘ Integrated P-Channel PowerTrench庐 MOSFET and Schottky Diode .20V, .3.0A, 120m惟 Integrated P-Channel PowerTrench? MOSFET and Schottky Diode .20V, .3.0A, 120mΩ
|
Fairchild Semiconductor
|
FDFMA2N028Z08 FDFMA2N028Z |
20V Integrated N-Channel PowerTrenchMOSFET and Schottky Diode Integrated N-Channel PowerTrench㈢ MOSFET and Schottky Diode 20V, 3.7A, 68mヘ Integrated N-Channel PowerTrench庐 MOSFET and Schottky Diode 20V, 3.7A, 68m惟 Integrated N-Channel PowerTrench? MOSFET and Schottky Diode 20V, 3.7A, 68mΩ
|
Fairchild Semiconductor
|
ITF87068SQT |
9A, 20V, 0.015 Ohm, P-Channel, 2.5V Specified Power MOSFET(9A, 20V, 0.015Ω P沟道2.5V专用功率MOS场效应管)
|
Intersil Corporation
|
PSX96B-133MQ160 PSX160-80PQ240 PSX160-66PQ240 PSX1 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; Similar to IRLIB9343 with Lead Free Packaging User Programmable Special Function ASIC -150V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF6217 with Standard Packaging -30V P-Channel HEXFET Power MOSFET in a LeadFree SO-8 -package; A IRF7416QPBF with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7425 with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7425 with Lead-Free Packaging. -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5305 with Lead Free Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a 4-Lead FlipFET package; A IRF6100 with Standard Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7207 with Lead Free Packaging 用户可编程ASIC的特殊功 -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF4905S with Standard Packaging 用户可编程ASIC的特殊功
|
ITT, Corp. Ironwood Electronics
|
ZXMD63N02 ZXMD63N02X ZXMD63N02XTC ZXMD63N02XTA |
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET 2400 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
IRF3711ZL IRF3711ZS IRF3711Z |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRF3711LPBF IRF3711S IRF3711STRR IRF3711SPBF IRF37 |
20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRF3706 IRF3706L IRF3706S IRF3706STRL IRF3706STRR |
20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRL3714Z IRL3714ZL IRL3714ZS |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier IR
|
ZXM64N02XTA UZXM64N02XTA ZXM64N02X-15 |
5400 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA MO-187, MSOP-8 20V N-CHANNEL ENHANCEMENT MODE MOSFET
|
Diodes, Inc. DIODES INC Diodes Incorporated
|
WNM2020 |
N-Channel MOSFET N-Channel, 20V, 0.90A, Small Signal MOSFET Extremely Low Threshold Voltage
|
TY Semiconductor Co., Ltd
|